Part Number Hot Search : 
EPA030B 4HCT57 BPC1010 N8253 TM400DZ HL6553 BSP171 TFS140X
Product Description
Full Text Search
 

To Download 517D688M016FR6AE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 517D
Vishay Sprague
Aluminum Capacitors + 105 C, General Purpose Miniature, Radial Lead
FEATURES
* High CV per case size * Low cost * Solvent resistant construction (through 100 WVDC) * High temperature operation * Life test to 2000 hours at + 105 C
Fig.1 Component outline
QUICK REFERENCE DATA
DESCRIPTION Nominal case size O D x L in mm Operating temperature VALUE 0.197" x 0.433" [5.0 x 11.0] to 0.709" x 1.575" [18.0 x 40.0] - 55 C to + 105 C (6.3 WVDC to 100 WVDC) - 40 C to + 105 C (160 WVDC to 250 WVDC) 0.47 F to 15 000 F 20 % 6.3 WVDC to 250 WVDC 2 radial leads 2000 hours: CAP 20 % from initial measurement. DF 2 x initial specified limit. DCL initial specified limit. 1000 hours: CAP 20 % from initial measurement. DF 2 x initial specified limit. DCL initial specified limit Rated voltage for 1 minute for 6.3 WVDC to 100 WVDC units: I < 0.03 CV or 4 A (whichever is greater). Rated voltage for 2 minutes for 6.3 WVDC to 100 WVDC units: I < 0.04 CV or 3 A (whichever is greater). rated voltage for 1 minute for 160 WVDC to 250 WVDC units: I < 0.1 CV + 40 A and CV > 1000; I < 0.04 CV + 100 A and CV > 1000
RIPPLE CURRENT MULTIPLIERS
TEMPERATURE Ambient Temperature + 70 C + 85 C + 105 C FREQUENCY (Hz) WVDC 6.3 - 100 160 - 250 Cap. (F) 0 - 47 100 - 470 1000 - 22 000 0.47 - 100 50 - 60 100 - 120 300 - 400 1 kHz 10 kHz 0.75 0.80 0.85 0.80 1 1 1 1 1.35 1.23 1.10 1.25 1.57 1.34 1.13 1.40 2.00 1.50 1.15 1.60 Multipliers 1.78 1.4 1.0
Rated Capacitance range, CR Tolerance on CR Rated voltage range, UR Termination Life validation test at 105 C
Shelf life at 105 C
LOW TEMPERATURE PERFORMANCE
MAXIMUM IMPEDANCE RATIO Z(T)/Z(+ 20 C) MAXIMUM AT 120 Hz Rated Voltage Z - 25 C/Z + 20 C Z - 40 C/Z + 20 C (WVDC) 6.3 4.0 8.0 10.0 16.0 25.0 - 100.0 160.0 - 200.0 250.0 3.0 2.0 2.0 2.0 4.0 6.0 4.0 3.0 4.0 6.0
DC leakage current
DIMENSIONS in inches [millimeters]
CASE CODE JA AA BB CC CD CG DG NOMINAL CASE SIZE DXL 0.197 x .433 [5.0 x 11.0] 0.248 x .433 [6.3 x 11.0] 0.315 x .453 [8.0 x 11.5] 0.394 x .492 [10.0 x 12.5] 0.394 x .630 [10.0 x 16.0] 0.394 x .787 [10.0 x 20.0] 0.492 x 0.787 [12.5 x 20.0] LEAD SPACING S 0.079 [2.0] 0.098 [2.5] 0.138 [3.5] 0.197 [5.0] 0197 [5.0] 0.197 [5.0] 0.197 [5.0] NOMINAL LEAD DIAMETER D 0.020 [0.50] 0.020 [0.50] 0.024 [0.60] 0.024 [0.60] 0.024 [0.60] 0.024 [0.60] 0.024 [0.60] TYPICAL WEIGHT (GRAMS) 0.44 0.63 1.03 1.53 1.86 2.48 3.98 www.vishay.com 341
Document Number: 42053 Revision: 07-Nov-06
For technical questions, contact: aluminumcaps4@vishay.com
517D
Vishay Sprague
Aluminum Capacitors + 105 C, General Purpose Miniature, Radial Lead
DIMENSIONS in inches [millimeters]
CASE CODE DK EK EN ER FR FV NOMINAL CASE SIZE DXL 0.492 x 0.984 [12.5 x 25.0] 0.630 x 0.984 [16.0 x 25.0] 0.630 x 1.24 [16.0 x 31.5] 0.630 x 1.40 [16.0 x 35.5] 0.709 x 1.40 [18.0 x 35.5] 0.709 x 1.575 [18.0 x 40.0] LEAD SPACING S 0.197 [5.0] 0.295 [7.5] 0.295 [7.5] 0.295 [7.5] 0.295 [7.5] 0.295 [7.5] NOMINAL LEAD DIAMETER D 0.024 [0.60] 0.031 [0.80] 0.031 [0.80] 0.031 [0.80] 0.031 [0.80] 0.031 [0.80] TYPICAL WEIGHT (GRAMS) 5.27 7.72 9.90 11.10 13.04 15.74
ELECTROLYTIC CAPACITOR WITH CUT OR FORMED LEADS in inches [millimeters]
Code F
X 0.177 [4.5] F* 0.197 0.20 [5.0 0.5] O d** D
Code S
X
0.177 [4.5]
Code S
0.177 [4.5] 0.197 0.20 F* [5.0 0.5] O d**
D
F*
0.197 0.20 [5.0 0.5]
D
O d**
Code C
0.177 [4.5] S 0.20 [0.5]
Code S
0.033 0.006 [0.85 0.15]
Code S
D O d*
F*
0.039 0.008 [1.0 0.2]
(4, 5, 6.3, 8)
(10, 12.5, 16, 18)
DIMENSIONS in inches [millimeters]
DIMENSIONS P e*** 0.079 [2.0] Formed and Cut F 0.098 [2.5] 0.138 [3.5] Cut C 0.079 [2.0] 0.043 [1.1] 0.098 [2.5] 0.043 [1.1] 0.138 [3.5] 0.051 [1.3] Snap-in S 0.051 [1.3] 0.051 [1.3] 0.051 [1.3] 0.051 [1.3] Note: The cut or formed code is to be added to the end of type number in 15th position (with position 14 coded "6"). * Formed lead. ** Lead thickness O d depends on capacitor specification. *** Lead protrusion at bottom of tape. FORMING METHOD FORMED LEAD CODE D 0.197 [5.0] 0.248 [6.3] 0.315 [8.0] 0.394 [10.0] 0.492 [12.5] 0.630 [16.0] 0.709 [18.0] 0.197 [5.0] 0.248 [6.3] 0.315 [8.0] 0.394 [10.0] 0.492 [12.5] 0.630 [16.0] 0.709 [18.0] L.S. 0.197 [5.0] 0.197 [5.0] 0.197 [5.0] 0.197 [5.0] 0.197 [5.0] 0.295 [7.5] 0.295 [7.5] 0.197 [5.0] 0.197 [5.0] 0.197 [5.0] 0.197 [5.0] 0.197 [5.0] 0.295 [7.5] 0.295 [7.5] X (Max.) 0.059 [1.5] 0.098 [2.5] 0.098 [2.5] 0.059 [1.5] 0.059 [1.5] 0.059 [1.5] -
TAPED CAPACITORS FOR AUTOMATIC INSERTION SYSTEMS in inches [millimeters]
PACKAGING Ammo Pack LEAD CODE P SPECIFICATION + LEAD STYLE LEADER Formed Lead** LEAD SPACE 0.197 [5.0] CAPACITOR SIZES AVAILABLE
0.197 x 0.433 [5.0 x 11.0] - 0.492 x 0.787 [4.0 x 7.0 - 12.5 x 20.0] Note: The ammo pack code is to be added to the end of type number in the 15th position (with position 14 coded as "8" as appropriate.) ** Except 0.394 [10.0 mm] and 0.492 [12.5 mm] diameter have straight unformed leads. www.vishay.com 342 For technical questions, contact: aluminumcaps4@vishay.com Document Number: 42053 Revision: 07-Nov-06
517D
Aluminum Capacitors + 105 C, General Purpose Miniature, Radial Lead
TAPING SPECIFICATIONS in inches [millimeters]
Formed Lead Type
Vishay Sprague
P
K
H
F
H0
W0
W
P0
Od
D0
t
DIMENSIONS in inches [millimeters]
CASE SIZE (Diameter x Length) ITEM 0.197 x 0.433 [5.0 x 11.0] O d - Lead-wire Diameter P - Pitch of Component P0 - Feed Hole Pitch F - Lead-to-lead Distance K - Clinch Height H - Height of Component from Tape Center H0 - Lead-wire Clinch Height W - Tape Width W0 - Hold Down Tape Width D0 - Feed Hole Diameter t - Total Tape Thickness 0.020 [0.5] 0.500 [12.7] 0.500 [12.7] 0.197 [5.0] 0.098 [2.5] 0.728 [18.5] 0.630 [16.0] 0.709 [18.0] 0.512 [13.0] 0.157 [4.0] 0.028 [0.7] FORMED LEAD TYPE 0.248 x 0.433 [6.3 x 11.0] 0.020 [0.5] 0.500 [12.7] 0.500 [12.7] 0.197 [5.0] 0.098 [2.5] 0.728 [18.5] 0.630 [16.0] 0.709 [18.0] 0.512 [13.0] 0.157 [4.0] 0.028 [0.7] 0.315 x 0.452 [8.0 x 11.5] 0.024 [0.6] 0.500 [12.7] 0.500 [12.7] 0.197 [5.0] 0.157 [4.0] 0.787 [20.0] 0.630 [16.0] 0.709 [18.0] 0.512 [13.0] 0.157 [4.0] 0.028 [0.7] STRAIGHT LEAD TYPE 0.394 [10.0] (Dia.) 0.024 [0.6] 0.500 [12.7] 0.500 [12.7] 0.197 [5.0] -- 0.728 [18.5] -- 0.709 [18.0] 0.512 [13.0] 0.157 [4.0] 0.028 [0.7] 0.492 [12.5] (Dia.) 0.024 [0.6] 0.591 [15.0] 0.591 [15.0] 0.197 [5.0] -- 0.630 [16.0] -- 0.709 [18.0] 0.512 [13.0] 0.157 [4.0] 0.028 [0.7]
Document Number: 42053 Revision: 07-Nov-06
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com 343
517D
Vishay Sprague
Aluminum Capacitors + 105 C, General Purpose Miniature, Radial Lead
ELECTRICAL DATA
SYMBOL F % DC JA 6 A rated capacitance M = 20 % voltage rating at 105 C see dimensions in millimeters table packaging code termination DESCRIPTION
ORDERING EXAMPLE*
Electrolytic capacitor 517D series 517D 107M 6R3 JA 6A E3 6A = Bulk, Uncut leads. 6C = Cut leads (not stocked). 6F = Formed and cut leads (not stocked). 6S = Snap-in leads (not stocked). For Cases Codes JA, AA, BB, CC, CD, CG, and DG only: 8P = Ammo-Pack. All items stating "not stocked" are items that are not generally stocked unless a Purchase Order is placed. Lead time is 16 weeks for these items unless there is excess inventory. * Suffix E3 denotes lead (Pb)-free/RoHS compliant products.
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) PART NUMBER NOMINAL CASE SIZE DxL 6.3 WVDC at + 105 C, SURGE = 8 V 22.0 33.0 47.0 100.0 220.0 330.0 470.0 1000.0 2200.0 3300.0 4700.0 6800.0 10 000.0 15 000.0 22.0 33.0 47.0 100.0 220.0 330.0 470.0 1000.0 2200.0 3300.0 4700.0 6800.0 10 000.0 15 000.0 www.vishay.com 344 517D226M6R3JA6AE3 517D336M6R3JA6AE3 517D476M6R3JA6AE3 517D107M6R3JA6AE3 517D227M6R3AA6AE3 517D337M6R3AA6AE3 517D477M6R3BB6AE3 517D108M6R3CC6AE3 517D228M6R3DG6AE3 517D338M6R3DG6AE3 517D478M6R3EK6AE3 517D688M6R3EK6AE3 517D109M6R3EN6AE3 517D159M6R3FR6AE3 517D226M010JA6AE3 517D336M010JA6AE3 517D476M010JA6AE3 517D107M010JA6AE3 517D227M010AA6AE3 517D337M010BB6AE3 517D477M010BB6AE3 517D108M010CD6AE3 517D228M010DG6AE3 517D338M010DK6AE3 517D478M010EK6AE3 517D688M010EN6AE3 517D109M010FR6AE3 517D159M010FV6AE3 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.394 x 0.492 [10.0 x 12.5] 0.492 x 0.787 [12.5 x 20.0] 0.492 x 0.787 [12.5 x 20.0] 0.630 x 0.984 [16.0 x 25.0] 0.630 x 0.984 [16.0 x 25.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.398 [18.0 x 35.5] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.315 x 0.453 [8.0 x 11.5] 0.394 x 0.630 [10.0 x 16.0] 0.492 x 0.787 [12.5 x 20.0] 0.492 x 0.984 [12.5 x 25.0] 0.630 x 0.984 [16.0 x 25.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.398 [18.0 x 35.5] 0.709 x 1.575 [18.0 x 40.0] 34.0 50.0 65.0 100.0 165.0 200.0 280.0 470.0 930.0 1100.0 1320.0 1490.0 1830.0 2280.0 45.0 60.0 75.0 110.0 180.0 255.0 305.0 570.0 1010.0 1220.0 1410.0 1610.0 1980.0 2470.0 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 0.22 Document Number: 42053 Revision: 07-Nov-06 Max. RIPPLE at + 105 C 120 Hz (mA) Max. DF at + 20 C 120 Hz
10 WVDC at + 105 C, SURGE = 13 V
For technical questions, contact: aluminumcaps4@vishay.com
517D
Aluminum Capacitors + 105 C, General Purpose Miniature, Radial Lead
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) PART NUMBER NOMINAL CASE SIZE DxL 16 WVDC at + 105 C, SURGE = 20 V 10.0 22.0 33.0 47.0 100.0 220.0 330.0 470.0 1000.0 2200.0 3300.0 4700.0 6800.0 10 000.0 4.7 10.0 22.0 33.0 47.0 100.0 220.0 330.0 470.0 1000.0 2200.0 3300.0 4700.0 4.7 10.0 22.0 33.0 47.0 100.0 220.0 330.0 470.0 1000.0 2200.0 3300.0 4700.0 517D106M016JA6AE3 517D226M016JA6AE3 517D336M016JA6AE3 517D476M016JA6AE3 517D107M016AA6AE3 517D227M016BB6AE3 517D337M016BB6AE3 517D477M016CC6AE3 517D108M016CG6AE3 517D228M016DK6AE3 517D338M016EK6AE3 517D478M016EN6AE3 517D688M016FR6AE3 517D109M016FV6AE3 517D475M025JA6AE3 517D106M025JA6AE3 517D226M025JA6AE3 517D336M025JA6AE3 517D476M025JA6AE3 517D107M025AA6AE3 517D227M025BB6AE3 517D337M025CC6AE3 517D477M025CD6AE3 517D108M025DG6AE3 517D228M025EK6AE3 517D338M025EN6AE3 517D478M025FR6AE3 517D475M035JA6AE3 517D106M035JA6AE3 517D226M035JA6AE3 517D336M035JA6AE3 517D476M035AA6AE3 517D107M035BB6AE3 517D227M035CC6AE3 517D337M035CD6AE3 517D477M035CG6AE3 517D108M035DK6AE3 517D228M035EN6AE3 517D338M035FR6AE3 517D478M035FV6AE3 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.315 x 0.453 [8.0 x 11.5] 0.394 x .0492 [10.0 x 12.5] 0.394 x 0.787 [10.0 x 20.0] 0.492 x 0.984 [12.5 x 25.0] 0.630 x 0.984 [16.0 x 25.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.398 [18.0 x 35.5] 0.709 x 1.575 [18.0 x 40.0] 0.197 x .0433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.394 x 0.492 [10.0 x 12.5] 0.394 x 0.630 [10.0 x 16.0] 0.492 x 0.787 [12.5 x 20.0] 0.630 x 0.984 [16.0 x 25.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.398 [18.0 x 35.5] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.394 x 0.492 [10.0 x 12.5] 0.394 x 0.630 [10.0 x 16.0] 0.394 x 0.787 [10.0 x 20.0] 0.492 x 0.984 [12.5 x 25.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.398 [18.0 x 35.5] 0.709 x 1.575 [18.0 x 40.0] 35.0 55.0 70.0 85.0 135.0 235.0 285.0 395.0 700.0 1150.0 1350.0 1560.0 1750.0 2170.0 24.0 39.0 60.0 75.0 90.0 145.0 250.0 355.0 470.0 855.0 1230.0 1450.0 1660.0 27.0 44.0 65.0 85.0 115.0 190.0 325.0 440.0 580.0 995.0 1450.0 1660.0 2030.0 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 Max. RIPPLE at + 105 C 120 Hz (mA) Max. DF at + 20 C 120 Hz
Vishay Sprague
25 WVDC at + 105 C, SURGE = 32V
35 WVDC at + 105 C, SURGE = 44 V
Document Number: 42053 Revision: 07-Nov-06
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com 345
517D
Vishay Sprague
Aluminum Capacitors + 105 C, General Purpose Miniature, Radial Lead
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) PART NUMBER NOMINAL CASE SIZE DxL 50 WVDC at + 105 C, SURGE = 63 V 0.47 1.0 2.2 3.3 4.7 10.0 22.0 33.0 47.0 100.0 220.0 330.0 470.0 1000.0 2200.0 4.7 10.0 22.0 33.0 47.0 100.0 220.0 330.0 4700.0 1000.0 2200.0 0.47 1.0 2.2 3.3 4.7 10.0 22.0 33.0 47.0 100.0 220.0 330.0 470.0 1000.0 517D474M050JA6AE3 517D105M050JA6AE3 517D225M050JA6AE3 517D335M050JA6AE3 517D475M050JA6AE3 517D106M050JA6AE3 517D226M050JA6AE3 517D336M050M6AE3 517D476M050AA6AE3 517D107M050BB6AE3 517D227M050CD6AE3 517D337M050CG6AE3 517D477M050DG6AE3 517D108M050EK6AE3 517D228M050FR6AE3 517D475M063JA6AE3 517D106M063JA6AE3 517D226M063AA6AE3 517D336M063AA6AE3 517D476M063BB6AE3 517D107M063CC6AE3 517D227M063CG6AE3 517D337M063DG6AE3 517D477M063DK6AE3 517D108M063EN6AE3 517D228M063FV6AE3 517D474M100JA6AE3 517D105M100JA6AE3 517D225M100JA6AE3 517D335M100JA6AE3 517D475M100JA6AE3 517D106M100AA6AE3 517D226M100BB6AE3 517D336M100CC6AE3 517D476M100CD6AE3 517D107M100DG6AE3 517D227M100EK6AE3 517D337M100EK6AE3 517D477M100EN6AE3 517D108M100FV6AE3 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.394 x 0.630 [10.0 x 16.0] 0.394 x 0.787 [10.0 x 20.0] 0.492 x 0.787 [12.5 x 20.0] 0.630 x 0.984 [16.0 x 25.0] 0.709 x 1.398 [18.0 x 35.5] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.394 x .0492 [10.0 x 12.5] 0.394 x 0.787 [10.0 x 20.0] 0.492 x 0.787 [12.5 x 20.0] 0.492 x 0.984 [12.5 x 25.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.575 [18.0 x 40.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.197 x 0.433 [5.0 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.394 x 0.492 [10.0 x 12.5] 0.394 x 0.630 [10.0 x 16.0] 0.492 x 0.787 [12.5 x 20.0] 0.630 x 0.984 [16.0 x 25.0] 0.630 x 0.984 [16.0 x 25.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.575 [18.0 x 40.0] 7.0 12.0 18.0 25.0 30.0 50.0 75.0 105.0 125.0 210.0 400.0 535.0 730.0 1110.0 1530.0 34.0 55.0 90.0 110.0 155.0 260.0 465.0 650.0 800.0 1200.0 1840.0 10.0 15.0 22.0 29.0 37.0 65.0 115.0 160.0 220.0 385.0 590.0 720.0 875.0 1320.0 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 Max. RIPPLE at + 105 C 120 Hz (mA) Max. DF at + 20 C 120 Hz
63 WVDC at + 105 C, SURGE = 79 V
100 WVDC at + 105 C, SURGE = 125 V
www.vishay.com 346
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42053 Revision: 07-Nov-06
517D
Aluminum Capacitors + 105 C, General Purpose Miniature, Radial Lead
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (F) PART NUMBER NOMINAL CASE SIZE DxL 160 WVDC at + 105 C, SURGE = 200 V 0.47 1.0 2.2 3.3 4.7 10.0 22.0 33.0 47.0 100.0 220.0 0.47 1.0 2.2 3.3 4.7 10.0 22.0 33.0 47.0 100.0 220.0 0.47 1.0 2.2 3.3 4.7 10.0 22.0 33.0 47.0 100.0 517D474M160AA6AE3 517D105M160AA6AE3 517D225M160AA6AE3 517D335M160BB6AE3 517D475M160BB6AE3 517D106M160CC6AE3 517D226M160CG6AE3 517D336M160DG6AE3 517D476M160DK6AE3 517D107M160EK6AE3 517D227M160FR6AE3 517D474M200AA6AE3 517D105M200AA6AE3 517D225M200AA6AE3 517D335M200BB6AE3 517D475M200CC6AE3 517D106M200CD6AE3 517D226M200CG6AE3 517D336M200DK6AE3 517D476M200DK6AE3 517D107M200EN6AE3 517D227M200FV6AE3 517D474M250AA6AE3 517D105M250AA6AE3 517D225M250BB6AE3 517D335M250CC6AE3 517D475M250CC6AE3 517D106M250CG6AE3 517D226M250DK6AE3 517D336M250DK6AE3 517D476M250EK6AE3 517D107M250FR6AE3 0.248 x 0.433 [6.3 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.315 x 0.453 [8.0 x 11.5] 0.394 x 0.492 [10.0 x 12.5] 0.394 x 0.787 [10.0 x 20.0] 0.492 x 0.787 [12.5 x 20.0] 0.492 x 0.984 [12.5 x 25.0] 0.630 x 0.984 [16.0 x 25.0] 0.709 x 1.398 [18.0 x 35.5] 0.248 x 0.433 [6.3 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.394 x 0.492 [10.0 x 12.5] 0.394 x 0.630 [10.0 x 16.0] 0.394 x 0.787 [10.0 x 20.0] 0.492 x 0.984 [12.5 x 25.0] 0.492 x 0.984 [12.5 x 25.0] 0.630 x 1.240 [16.0 x 31.5] 0.709 x 1.575 [18.0 x 40.0] 0.248 x 0.433 [6.3 x 11.0] 0.248 x 0.433 [6.3 x 11.0] 0.315 x 0.453 [8.0 x 11.5] 0.394 x 0.492 [10.0 x 12.5] 0.394 x 0.492 [10.0 x 12.5] 0.394 x 0.787 [10.0 x 20.0] 0.492 x 0.984 [12.5 x 25.0] 0.492 x 0.984 [12.5 x 25.0] 0.630 x 0.984 [16.0 x 25.0] 0.709 x 1.398 [18.0 x 35.5] 12.0 17.0 25.0 36.0 43.0 70.0 130.0 180.0 220.0 330.0 500.0 12.0 17.0 25.0 36.0 50.0 80.0 140.0 198.0 220.0 335.0 515.0 12.0 17.0 29.0 42.0 50.0 88.0 155.0 190.0 230.0 340.0 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 Max. RIPPLE at + 105 C 120 Hz (mA) Max. DF at + 20 C 120 Hz
Vishay Sprague
200 WVDC at + 105 C, SURGE = 250 V
250 WVDC at + 105 C, SURGE = 300 V
Document Number: 42053 Revision: 07-Nov-06
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com 347
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 517D688M016FR6AE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X